Part Number Hot Search : 
40008 1N6293A T6250125 M3055 AM29L SY88853V STK4211 AX113E
Product Description
Full Text Search
 

To Download MAAD-009170-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Features
* * * * * * * * Attenuation: 0.5 dB Steps to 15.5 dB Minimal Phase Variation over Attenuation Range Low DC Power Consumption Small Footprint, PQFN Package Integral TTL Driver 50 ohm Impedance Test Boards are Available RoHS* Compliant Rev. V1
Functional Schematic
Description
M/A-COM's MAAD-009170-000100 is a GaAs pHEMT 5-bit digital attenuator with integral TTL driver in an PQFN plastic surface mount package. Step size is 0.5 dB providing a 15.5 dB total attenuation range. This design has been optimized to minimize phase variation over the attenuation range. MAAD-009170-000100 is ideally suited for use where accuracy, fast switching, very low power consumption and low intermodulation products are required. Typical applications include dynamic range setting in precision receiver circuits and other gain/ leveling control circuits.
Pin Configuration1
Pin No.
1 2 3 4
Function
GND C5 C4 C3 C2 C1 GND NC NC NC
2
Pin No.
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Function
NC NC NC NC NC NC NC NC NC GND RF2 GND NC2 Vee NC +Vcc
Ordering Information
Part Number
MAAD-009170-000100 MAAD-009170-0001TR MAAD-009170-0001TB
5 6
Package
Bulk Packaging 1000 piece reel Sample Test Board
7 8 9 10 11 12 13 14 15 16 1.
GND RF1 GND NC NC NC
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
2.
The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages) Pins 10 & 29 must be isolated
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50, VCC = +5.0V, VEE = -5.0V
Parameter
Operating Power
3
Rev. V1
Test Conditions
-- -- Any Single Bit Any Combination of Bits Any Single Bit Any Single Bit Any Combination of Bits Any Combination of Bits Full Range
Frequency
-- DC - 2.0 GHz 2.0 - 4.0 GHz DC - 4.0 GHz DC - 4.0 GHz DC - 2.0 GHz 2.0 - 4.0 GHz DC - 2.0 GHz 2.0 - 4.0 GHz DC - 4.0 GHz
Units
dBm dB dB
Min
-- -- --
Typ
-- -- --
Max
+20 4.7 5.2
Reference Insertion Loss Attenuation Accuracy4 Relative to Reference Loss State Phase Accuracy Relative to Reference Loss State VSWR Switching Speed Ton Toff Trise Tfall 1 dB Compression5 Input IP3 Input IP2 Vcc Vee VIL VIH lin (Input Leakage Current) Icc (Quiescent Supply Current) Icc (Additional Supply Current Per TTL Input Pin) IEE Thermal Resistance jc 3. 4. 5.
(0.25 +2% of atten setting in dB) (0.25 +2% of atten setting in dB) deg deg deg deg Ratio -- -- -- -- -- -- -- -- -- -- 2 3 4 7 1.9:1
1.3 V Cntl to 90% RF 1.3 V Cntl to 10% RF 10% RF to 90% RF 90% RF to 10% RF Reference State Reference State Two-tone inputs up to +5 dBm Two-tone inputs up to +5 dBm -- -- LOW-level input voltage HIGH-level input voltage Vin = VCC or GND Vcntrl = VCC or GND VCC = Max Vcntrl = VCC - 2.1 V VEE min to max Vin = VIL or VIH --
-- -- __ __ 0.05 GHz 0.5 - 4.0 GHz 0.05-4.0 GHz 0.05-4.0 GHz -- -- -- -- --
ns ns ns ns dBm dBm dBm dBm V V V V uA
-- -- -- -- -- -- -- -- 4.5 -8.0 0.0 2.0 -1
47 24 23 13 >+26 >+26 +43 +40 +50 +72 5.0 -5.0 0.0 5.0 --
-- -- -- -- -- -- -- -- 5.5 -4.5 0.8 5.0 1
--
uA
--
250
400
--
mA
--
--
1.5
-- --
mA C/W
-1.0 --
-0.2 35
-- --
Maximum operating power is specified with the input applied to RF1. If the input is applied to RF2, then maximum operating power is +16 dBm. This attenuator is guaranteed monotonic. 1 dB Compression was measured up to +26 dBm, which is the absolute maximum rating for this device.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Rev. V1
Recommended PCB Configuration 10 Absolute Maximum Ratings 6,7
Parameter
Max. Input Power DC - 4.0 GHz VCC VEE VCC - VEE Vin
9 8
Absolute Maximum
+26 dBm -0.5V VCC +7.0V -8.5V VEE +0.5V -0.5V VCC - VEE 14.5V -0.5V Vin VCC + 0.5V -40C to +85C -65C to +125C
Operating Temperature Storage Temperature 6. 7. 8. 9.
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits. The maximum operating power is specified with the input applied to RF1. If the input is applied to RF2, then maximum operating power is +22 dBm Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
10. Application Note S2083 is available on line at www.macom.com
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Truth Table (Digital Attenuator)
C5
0 0 0 0 0 1 1
C4
0 0 0 0 1 0 1
C3
0 0 0 1 0 0 1
C2
0 0 1 0 0 0 1
C1
0 1 0 0 0 0 1
Attenuation
Loss, Reference 0.5 dB 1.0 dB 2.0 dB 4.0 dB 8.0 dB 15.5 dB
Moisture Sensitivity
The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts.
0 = TTL Low; 1 = TTL High
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
Reference Loss vs. Frequency
8.0 7.0 6.0 5.0 4.0 3.0 2.0 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
Rev. V1
Attenuation - 0.5 dB Bit vs. Frequency
0.7
Reference Loss (dB)
25C
Attenuation (dB)
85C
0.6
25C 85C
0.5
0.4
-40C
0.3 0.0
-40C
1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
Attenuation - 1 dB Bit vs. Frequency
Attenuation - 2 dB Bit vs. Frequency
1.2 1.1 Attenuation (dB) 1.0 0.9 0.8 0.7 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
2.6
85C
-40C
Attenuation (dB)
2.4
85C
2.2 2.0 1.8
-40C
25C
25C
1.6 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
Attenuation - 4 dB Bit vs. Frequency
4.6 4.4 Attenuation (dB)
Attenuation - 8 dB Bit vs. Frequency
8.6 8.4 Attenuation (dB)
-40C
4.2 4.0 3.8
85C
-40C
8.2 8.0 7.8 7.6 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
25C
3.6 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
25C
85C
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
Attenuation - 15.5 dB Attenuation vs. Frequency Phase - 0.5 dB Bit vs. Frequency Relative to Reference Loss State
3.0
Rev. V1
16.0 15.8 Attenuation (dB) 15.6 15.4 15.2
25C 85C
Phase (Degrees)
2.0
25C -40C
1.0
0.0
-40C
15.0 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
-1.0 0.0 0.5 1.0 1.5
85C
2.0 2.5 3.0 3.5 4.0
Frequency (GHz)
Phase - 1 dB Bit vs. Frequency Relative to Reference Loss State
3.0
Phase - 2 dB Bit vs. Frequency Relative to Reference Loss State
4.0 3.0
Phase (Degrees)
25C -40C
Phase (Degrees)
2.0
25C -40C
2.0 1.0 0.0 -1.0
1.0
0.0
-1.0 0.0 0.5 1.0 1.5
85C
2.0 2.5 3.0 3.5 4.0 Frequency (GHz)
85C
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
-2.0 Frequency (GHz)
Phase - 4 dB Bit vs. Frequency Relative to Reference Loss State
6.0 4.0 Phase (Degrees)
Phase - 8 dB Bit vs. Frequency Relative to Reference Loss State
6.0 4.0 Phase (Degrees) 2.0 0.0 -2.0
25C -40C
-40C
25C
2.0 0.0 -2.0
85C
-4.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 Frequency (GHz)
-4.0 0.0 0.5 1.0 1.5
85C
2.0 2.5 3.0 3.5 4.0
Frequency (GHz)
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
Phase - 15.5 dB Attenuation vs. Frequency Relative to Reference Loss State
8.0 6.0 Phase (Degrees) 4.0 2.0 0.0
1.2
Rev. V1
VSWR - Reference State vs. Frequency
2.0
25C -40C
VSWR
1.8
RF2
1.6 1.4
-2.0 -4.0 0.0 0.5 1.0 1.5
85C
2.0 2.5 3.0 3.5 4.0
1.0 0.0 1.0 2.0
RF1
3.0 Frequency (GHz) 4.0 5.0 6.0
Frequency (GHz)
VSWR - 0.5 dB Bit vs. Frequency
VSWR - 1 dB Bit vs. Frequency
2.0 1.8
2.0 1.8
RF2
VSWR
VSWR
RF2
1.6 1.4 1.2
1.6 1.4 1.2
RF1
1.0 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
RF1
1.0 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
VSWR - 2 dB Bit vs. Frequency
VSWR - 4 dB Bit vs. Frequency
2.0 1.8
2.0 1.8
RF2
VSWR
VSWR
RF1
1.6 1.4 1.2
1.6 1.4 1.2
RF1
1.0 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
RF2
0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
1.0
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
Typical Performance Curves
VSWR - 8 dB Bit vs. Frequency VSWR - 15.5 dB Attenuation vs. Frequency
Rev. V1
2.0 1.8 1.6 1.4 1.2
2.0
RF1
VSWR
1.8 1.6 1.4 1.2
RF1
VSWR
RF2
1.0 0.0 1.0 2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
1.0 0.0 1.0
RF2
2.0 3.0 Frequency (GHz) 4.0 5.0 6.0
Typical Input IP2 and IP3 at Room Temperature11
IP2 Attenuation
Reference State 0.5 dB 1 dB 2 dB 4 dB 8 dB 15.5 dB
IP3 2 GHz
73 74 75 74 74 75 79
50 MHz
50 51 51 51 51 50 53
500 MHz
72 73 73 73 73 71 74
50 MHz
43 43 43 43 43 41 43
500 MHz
40 41 41 41 41 43 42
2 GHz
44 44 44 45 45 41 44
Units
dBm dBm dBm dBm dBm dBm dBm
11. IP2 and IP3 are measured with two-tone inputs F1 and F2 up to +5 dBm with 1 MHz spacing.
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAAD-009170-000100
Digital Attenuator, Constant Phase 15.5 dB, 5-Bit, TTL Driver, DC-4.0 GHz
CSP-1, 4 x 6 mm, 32-lead PQFN
Rev. V1
Reference Application Note M538 for lead-free solder reflow recommendations.
8
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAD-009170-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X